PART |
Description |
Maker |
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
FMMT49706 FMMT497-06 |
SOT23 NPN silicon planar high voltage high performance transistor
|
Zetex Semiconductors
|
FMMT497 |
NPN SILICON PLANAR HIGH VOLTAGE HIGH PERFORMANCE TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
MSK1900 |
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
|
MSK[M.S. Kennedy Corporation]
|
TSOP17..XG1 TSOP1730XG102 UC1682XFBZ UPC8232T5N-E2 |
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 同步降压型DC / DC转换器内置LDO的同时加电压检测器调节 High Performance 8-bit Microcontroller HIGH-VOLTAGE MIXED-SIGNAL IC B IPOLAR ANALOG INTE GR ATE D CIR CUIT
|
Torex Semiconductor, Ltd. ETC CEL TOREX[Torex Semiconductor]
|
HSMH-C220 HSMA-C220 HSMD-C220 HSML-C220 HSMS-C220 |
Agilent HSMH-C220 High Performance ChipLED Agilent HSMA-C220 High Performance ChipLED Agilent HSMD-C220 High Performance ChipLED 安捷伦HSML - C220高性能采用的ChipLED 安捷伦硬件安全模 C220高性能采用的ChipLED 安捷伦HSMY - C220高性能采用的ChipLED Agilent HSMG-C220 High Performance ChipLED 安捷伦HSMG - C220高性能采用的ChipLED Agilent HSMS-C220 High Performance ChipLED
|
Sanken Electric Co., Ltd.
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
NCP1396ADR2G NCP1396BDR2G NCP1396A10 NCP1396D NCP1 |
High Performance Resonant Mode Controller featuring High-Voltage Drivers High Performance Resonant Mode Controller featuring High--Voltage Drivers
|
ON Semiconductor
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|